Part Number Hot Search : 
0F64R 012X5R1 UY2043 20M1TR MC1496BD 30K6A1C 78M08 22041
Product Description
Full Text Search
 

To Download SK1200-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk1150-l thru SK1200-L 1 amp schottky rectifier 150 to 200 volts features ? low forward voltage ? guard ring protection ? high current capability ? operating temperature: -50 c to +125 c ? storage temperature: -65 c to +150 c ? maximum thermal resistance; 50 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sk1150-l sk1150150v120v150v SK1200-L sk1200200v140v200v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 100 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage sk1150 sk1200 v f .90v .92v i fm = 1.0a; t j = 25 c* typical junction capacitance c j 110pf measured at 1.0mhz, v r =4.0v maximum dc reverse current at rated dc blocking voltage i r 0.05ma 1ma t a = 25 c t a = 100 c  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) revision: c 2013/08/20 note: 1. high temperature solder exemptions applied, see eu directive annex 7. do-214aa (smb) (lead frame) a b d c e f g h 0.050 0.106" 0.083 suggested solder pad layout dimensions inches mm dim min max min max note a.1 60 .1 85 4.06 4.70 b.1 30 .1 55 3.30 3.94 c .006 .012 0.15 0.31 d. .030 .0 6 0 0.761 .. 52 e. 200 .2 20 5.08 5.59 f.0 79 . 096 2.00 2. 44 g.0 75 .0 87 1. 91 2.21 h .002 .00 80.05 0. 203 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 maximum ratings ? halogen free available upon request by adding suffix "-hf"
sk1150-l thru SK1200-L revision: c 2013/08/20 mcc tm micro commercial components www. mccsemi .com 2 of 3 fig.1-typical forward current derating curve ave r age forwar d cur r e nt,(a) fig.3-maximum non-repetitive forward surge current peak forwaard surge current ,(a) fig.4-typical junction capacitance reverse voltage,(v) junction capacit ance ,(pf) 0.2 0.4 0.6 0.8 1.0 1.2 0 20406080100120140160180200 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 ambient temperature ( c) number of cycles at 60hz 1 10 5 50 100 0 10 5 15 30 20 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current , (ma) percentage rated peak reverse voltage(%) 0 20 40 60 80 100 120 140 .01 tj=100 c tj=25 c tj=25 c 8.3ms s ingle half sine wave jedec method .1 .3 .5 .7 .9 1.1 1.3 1.5 fig.2-typical forward characteristics instantaneous forward current,(a) pulse width 300us 1% duty cycle forward voltage,(v) 0.1 1.0 10 50 tj=25 c 3.0 .01 sk1200 sk1150
mcc revision: c 2013/08 /20 tm micro commercial components www. mccsemi .com 3 of 3 device packing sk1150-ltp~SK1200-Ltp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. sk1150-ltp-hf~SK1200-Ltp-hf


▲Up To Search▲   

 
Price & Availability of SK1200-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X